|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Single Display 0.3" Single Digit Display FEATURES FEATURES * 0.3" digit height * Right and left hand decimal point * Additional colors/materials available OPTO-ELECTRICAL CHARACTERISTICS (Ta OPTO-ELECTRICAL CHARACTERISTICS (Ta = 25C) PART NO. PEAK WAVE LENGTH (nm) 567 635 635 660 FACE COLORS EMITTED COLOR SURFACE COLOR EPOXY COLOR MAXIMUM RATINGS IF (mA) VR (V) PD (mW) OPTO-ELECTRICAL CHARACTERISTICS VF(V) typ. max. @mA IR(A) max. @VR IV(cd) typ. per seg. @mA PINOUT MTN3300-CG MTN3700-CO MTN3700-CHR MTN7130M-16C Green Orange Hi-Eff Red Ultra Red Grey Grey Red Black White White Red White 30 30 30 30 5 5 5 4 85 85 85 70 2.1 2.1 2.1 1.7 3.0 3.0 3.0 2.2 20 20 20 20 100 100 100 100 5 5 5 4 2900 3300 3300 17300 10 10 10 20 1 1 1 1 Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available. CKAGE PACKAGE DIMENSIONS AND PIN FUNCTIONS PINOUT 1 (RHDP) COMMON CATHODE PIN NO. FUNCTION 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. NO PIN COMMON CATHODE ANODE F ANODE G ANODE E ANODE D NO PIN NO PIN COMMON CATHODE ANODE RHDP ANODE C ANODE B ANODE A NO PIN 1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS 0.25mm UNLESS OTHERWISE SPECIFIED. 2. THE SLOPE ANGLE OF ANY PIN MAY BE 5.0 MAX. marktech optoelectronics For up-to-date product info visit our web site at www.marktechopto.com 120 Broadway * Menands, New York 12204 Toll Free: (800) 98-4LEDS * Fax: (518) 432-7454 All specifications subject to change. 408 |
Price & Availability of MTN7130M-16C |